Part Number Hot Search : 
VAA13F1 80C32X2 AD8320 B260005 2SB703 2SB703 VSN182M AP1306SL
Product Description
Full Text Search
 

To Download NCB-H1806E800TR300F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  17 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? features ? standard eia 0603 ~ 1812 case sizes ? effective em/rfi suppression up to 1 ghz ? current ratings up to 6 amps ? high impedance over a wide frequency range ? compatible with automatic pick and place equipment ? both flow and reflow soldering applicable high current ferrite chip beads ncb-h series operating temperature range: -40c to +125c* for impedance (z) over frequency curves see www.rfpassives.com eia size nic p/n impedance at 100mhz (25% tol.) dc resistance max. () dc current max. (ma) style code a (mm) b (mm) c (mm) d (mm) 0402 ncb-h0402p100tr200f 10 0.10 2000 1 1.0 0.1 0.5 0.1 0.5 0.1 0.25 0.1 ncb-h0402p300tr200f 30 0.10 2000 ncb-h0402p600tr200f 60 0.10 2000 ncb-h0402p800tr200f 80 0.10 2000 ncb-h0402p900tr200f 90 0.10 2000 ncb-h0402p101tr200f 100 0.10 2000 ncb-h0402p121tr200f 120 0.10 2000 ncb-h0402p221tr150f 220 0.15 1500 ncb-h0402p301tr150f 300 0.15 1500 0603 ncb-h0603r100tr400f 10 0.020 4000 1 1.6 0.2 0.8 0.15 0.8 0.15 0.4 0.2 ncb-h0603r270tr400f 27 0.030 4000 ncb-h0603r300tr300f 30 0.035 3000 ncb-h0603r500tr250f 50 0.040 2500 ncb-h0603r680tr100f 68 0.100 1000 ncb-h0603r800tr300f 80 0.04 3000 ncb-h0603r101tr200f 100 0.100 2000 ncb-h0603r121tr200f 120 0.100 2000 ncb-h0603r151tr200f 150 0.100 2000 ncb-h0603r221tr200f 220 0.100 2000 ncb-h0603r301tr100f 300 0.200 1000 ncb-h0603r471tr100f 470 0.200 1000 ncb-h0603r601tr100f 600 0.200 1000 0805 ncb-h0805a300tr500f 30 0.010 5000 1 2.0 0.2 1 . 25 0.2 0.9 0.2 0.5 0.3 ncb-h0805a390tr400f 39 0.030 4000 ncb-h0805a420tr400f 42 0.030 4000 ncb-h0805a600tr300f 60 0.025 3000 ncb-h0805a800tr300f 80 0.040 3000 ncb-h0805a101tr400f 100 0.020 4000 ncb-h0805a121tr200f 120 0.100 2000 ncb-h0805a151tr200f 150 0.100 2000 ncb-h0805a221tr300f 220 0.040 3000 ncb-h0805a301tr100f 300 0.200 1000 ncb-h0805a331tr250f 330 0.050 2500 ncb-h0805a471tr200f 470 0.080 2000 ncb-h0805a601tr150f 600 0.100 1500 1206 ncb-h1206b300tr300f 30 0.040 3000 1 3.2 0.2 1.6 0.2 1.1 0.2 0.5 0.3 ncb-h1206b320tr600f 32 0.020 6000 ncb-h1206b500tr400f 50 0.020 4000 ncb-h1206b680tr300f 68 0.012 3000 ncb-h1206b800tr300f 80 0.040 3000 ncb-h1206b121tr200f 120 0.100 2000 note: other values and case sizes available. *style 2 types, temperature range -25c ~ +85c *see part number s ystem for details rohs compliant includes all homogeneous materials
18 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? style 2 1.27mm b c d a style 1 (eia size chips) termination: (nickel barrier with sn plate finish) d d a b c part number system a 200 part thickness max; a=1.1mm, b=1.3mm, c=1.5mm, d=1.7mm, e=1.8mm, k=2.8mm, l=3.1mm, n=0.33, p=0.65mm, r=0.95mm packaging: tr = tape and reel 0805 size ncb-h series 121 impedance at 100mhz 3 digit code; ? rst two digits are signi? cant third digit is no. of zeros f rohs compliant tr dc current rating (see standard values and case size table) eia size nic p/n impedance at 100mhz (25% tol.) dc resistance max. () dc current max. (ma) style code a (mm) b (mm) c (mm) d (mm) 1206 ncb-h1206b151tr200f 150 0.100 2000 1 3.2 0.2 1.6 0.2 1.1 0.2 0.5 0.3 ncb-h1206b301tr250f 300 0.050 2500 ncb-h1206b471tr100f 470 0.200 1000 ncb-h1206b501tr300f 500 0.040 3000 ncb-h1206b601tr200f 600 0.100 2000 1210 ncb-h1210c600tr400f 60 0.03 4000 1 3.2 0.2 2.5 0.2 1.3 0.2 0.5 0.3 ncb-h1210c900tr200f 90 0.10 2000 ncb-h1210c151tr500f 150 0.02 5000 ncb-h1210c201tr400f 200 0.03 4000 1806 ncb-h1806e600tr600f 60 0.010 6000 1 4.5 0.25 1.6 0.2 1.6 0.2 0.5 0.3 NCB-H1806E800TR300F 80 0.040 3000 ncb-h1806e102tr150f 1000 0.15 1500 1812 ncb-h1812d800tr600f 80 0.010 6000 1 4.5 0.25 3.2 0.2 1.5 0.2 0.5 0.3 ncb-h1812d125tr150f 125 0.050 1500 ncb-h1812d131tr300f 130 0.040 3000 ncb-h1812d151tr500f 150 0.020 5000 ncb-h1812d681tr400f 680 0.030 4000 ncb-h1812d132tr300f 1300 0.060 3000 1612 ncb1612k480tr500f 48 0.001 5000 2* 4.2 0.4 3.1 0.2 2.6 0.2 1.3 0.3 3312 ncb3312k900tr500f 90 0.001 5000 8.6 0.4 3.2 0.3 2.6 0.2 1.3 0.3 3119 ncb3119l950tr500f 95 0.001 5000 7.8 0.4 4.7 0.3 2.9 0.2 1.3 0.3 high current ferrite chip beads ncb-h series for impedance (z) over frequency curves see www.rfpassives.com note: other values and case sizes available. *style 2 types, temperature range -25c ~ +85c operating temperature range: -40 o c to +125 o c*
19 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? ferrite chip beads ncb & ncb-h series reel dimensions dimensions (mm) tape dimensions (mm) size a b c 0201 0.30 0.32 0.25 0402 0.80 0.55 0.50 0603 1.00 0. 8 0 0.60 0805 1.00 1.20 1.20 1206 1.00 1.80 2.00 1210 1.00 2.70 2.00 1806 1.05 1.80 3.30 1812 1.05 3.50 3.30 1612 1.70 2.00 2.20 3312 1.70 2.00 6.60 3119 1.70 2.00 5.80 dim size: 0201, 0402, 0603, 0805, 1206, 1210 size: 1806, 1812, 1612 size: 3312, 3319 a 178 2.0 b 60 1.0 c 13.0 0.5 d 21.0 0.8 e 2.0 0.5 w 10.0 1.0 14.0 1.0 18.0 1.0 t 2.0 0.5 r 1.0 e w b c d a t r recommended land pattern (mm) b a a c dimensions ncb1206b ncb1206e ncb1210c ncb1806e ncb1812d ncb1612k ncb3312k ncb3119l a 1.94 0.1 1.94 0.1 2.80 0.1 1.94 0.1 3.64 0.1 3.65 0.1 3.45 0.1 5.25 0.1 b 3.54 0.1 3.64 0.1 3.42 0.1 4.94 0.1 4.94 0.1 5.40 0.1 9.30 0.1 8.75 0.1 t 1.29 0.05 1.90 0.05 1.64 0.05 1.90 0.05 1.80 0.05 3.05 0.05 3.05 0.05 3.70 0.05 w 8.0 12.0 16.0 e 1.75 2.0 f 3.5 5.5 7.5 g 2.0 0.05 4.0 0.05 p 4.0 0.1 8.0 0.1 chips/reel 3,000 2,000 2,500 2,000 1,000 500 500 500 fig. 2 2 2 2 2 2 2 2 dimensions ncb0201n ncb0402p ncb0603r ncb0805a a 0.38 0.03 0.62 0.03 1.05 0.03 1.50 0.05 b 0.68 0.03 1.12 0.03 1.85 0.03 2.30 0.05 t 0.44 0.03 0.60 0.03 0.95 0.05 0.95 0.05 w 8.0 0.1 e 1.75 0.1 f 3.5 0.1 p1 2.0 0.1 4.0 0.1 p2 2.0 0.1 chips/reel 10,000 10,000 4,000 4,000 fig. 1 1 1 1 figure 1 (pressed paper carrier) t f w e a b p1 p2 figure 2 (embossed plastic carrier) g 4.00.1 f 0.1 e 0.05 w0.2 p a b +0.1 1.5-0 0.30 0.05 t tape dimensions (mm)


▲Up To Search▲   

 
Price & Availability of NCB-H1806E800TR300F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X